Part Number Hot Search : 
GM6605 5KP85A INDR330B 4A430 CM2311 361315PQ KMM5321 SUM6K1N
Product Description
Full Text Search
 

To Download BUJ100AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100AT
GENERAL DESCRIPTION
High-voltage, high-speed planar-passivated npn power switching transistor in the SOT223 envelope intended for use in compact fluorescent lamps, low power electronic lighting ballasts and similar high frequency converters and inverters.
QUICK REFERENCE DATA
SYMBOL VCESM VCBO VCEO IC ICM Ptot VCEsat hFE tfi PARAMETER Collector-emitter voltage peak value Collector-Base voltage (open emitter) Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Fall time (Inductive) CONDITIONS VBE = 0 V TYP. 0.23 14 50 MAX. 700 700 400 1.0 2.0 6 1.0 20 70 UNIT V V V A A W V ns
Tsp 25 C IC = 0.75 A;IB = 150 mA IC = 0.75 A;VCE = 5 V IC = 1.0 A,IBON=200 mA
PINNING - SOT223
PIN 1 2 3 4 base collector emitter collector (tab) DESCRIPTION
PIN CONFIGURATION
4
SYMBOL
c b
1
2
3
e
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VCESM VCEO VCBO IC ICM IB IBM Ptot Tstg Tj PARAMETER Collector to emitter voltage Collector to emitter voltage (open base) Collector to base voltage (open emitter) Collector current (DC) Collector current peak value Base current (DC) Base current peak value Total power dissipation Storage temperature Junction temperature CONDITIONS VBE = 0 V MIN. -65 MAX. 700 400 700 1.0 2.0 0.5 1.0 6 150 150 UNIT V V V A A A A W C C
Tsp 25 C
THERMAL RESISTANCES
SYMBOL Rth j-sp Rth j-a PARAMETER Junction to solder point Junction to ambient pcb mounted pad areas as in Fig. 23) pcb mounted, minimum footprint Mounted on 50x34x2mm aluminium PCB CONDITIONS TYP. MAX. 20 UNIT K/W
70 30
-
K/W K/W
September 1999
1
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100AT
STATIC CHARACTERISTICS
Tsp = 25 C unless otherwise specified SYMBOL ICES,ICBO ICES ICEO IEBO VCEOsust VCEsat VBEsat hFE hFE hFE PARAMETER Collector cut-off current 1 Collector cut-off current Emitter cut-off current Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain CONDITIONS VBE = 0 V; VCE = VCESMmax VBE = 0 V; VCE = VCESMmax; Tj = 125 C VCE = VCESMmax(400V) VEB = 9 V; IC = 0 A IB = 0 A; IC = 10 mA; L = 25 mH IC = 0.75 A; IB = 0.15mA IC = 0.75 A; IB = 0.15mA IC = 10mA; VCE = 5 V IC = 100mA; VCE = 5 V IC = 0.75A; VCE = 5 V MIN. 400 11 12.5 9 TYP. 2.5 15 0.02 0.23 0.95 20 21 14 MAX. 100 500 100 100 1.0 1.3 27 31 20 UNIT A A A A V V V
DYNAMIC CHARACTERISTICS
Tsp = 25 C unless otherwise specified SYMBOL PARAMETER Switching times (resistive load) ton ts tf Turn-on time Turn-off storage time Turn-off fall time Switching times (inductive load) ts tf ts tf Turn-off storage time Turn-off fall time Switching times (inductive load) Turn-off storage time Turn-off fall time CONDITIONS ICon = 1.0 A; IBon = -IBoff = 200mA; RL = 75 ohms; VBB2 = 4 V; TYP. MAX. UNIT s s ns s ns s ns
0.65 0.88 250
0.88 1.2 338
ICon = 1.0 A; IBon = 200mA; LB = 1 H; -VBB = 5 V ICon = 1.0 A; IBon = 200mA; LB = 1 H; -VBB = 5 V; Tj = 100 C
0.51 50
0.7 70
-
1.4 130
1 Measured with half sine-wave voltage (curve tracer).
September 1999
2
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100AT
+ 50v 100-200R
!
100
Zth / (K/W)
10
0.5 0.2 0.1 0.05 0.02 P D
tp
Horizontal Oscilloscope Vertical
0.1 1
D=
tp
T t
300R 30-60 Hz 6V
1R
0.01
D=0
T 10u 100u 1m 10m 100m t/s 1
Fig.1. Test circuit for VCEOsust.
1u
10
100
Fig.4. Transient thermal impedance. Zth j-lead = f(t); parameter D = tp/T
IC / mA
HFE 30
125 C
20
15
-40 C
10
25 C
250
VCE = 1V
5
100 10 0 VCE / V
min VCEOsust
Fig.2. Oscilloscope display for VCEOsust.
1 0.001
0.01
0.1 IC/A
1
2
3
5
Fig.5. Typical DC current gain. hFE = f(IC) parameter VCE
PD% Normalised Power Derating
HFE 30
120 110 100 90 80 70 60 50 40 30 20 10 0
125 C
-40 C 25 C
10
VCE = 5V
0
20
40
60
80 100 Tmb / C
120
140
1 0.001
0.01
0.1 IC/A
1
2
3
5
Fig.3. Normalised power dissipation. PD% = 100PD/PD 25C = f (Tmb)
Fig.6. Typical DC current gain. hFE = f(IC) parameter VCE
September 1999
3
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100AT
VCEsat VOLTAGE/V 2
VBEsat VOLTAGE/V 1.5
1.4
1.3
1.5
IC/IB = 3
125 C
1.2
1.1
1
IC/IB = 3
1
-40 C 25 C
0.9
25 C
0.8
0.5
0.7
125 C
0.6
-40 C
0 0.01 0.1 IC, COLLECTOR CURRENT/A 1 2
0.5 0.01
0.1 IC, COLLECTOR CURRENT/A
1
2
Fig.7. Collector-Emitter saturation voltage. Solid Lines = typ values, IC/IB = 3
Fig.8. Base-Emitter saturation voltage. Solid Lines = typ values, IC/IB = 3
INDUCTIVE SWITCHING
VCC
ICon 90 % IC
LC
10 %
IBon
ts
tf
t
LB T.U.T.
IB
toff IBon t -IBoff
-VBB
Fig.9. Test circuit inductive load. VCC = 300 V; -VBE = 5 V, LC = 200 H; LB = 1 H
tfi (ns) 275 250 225 200 175 150 125 100 75 50 25 0 2 4 6 HFE GAIN (IC/IB) 8 10 11
IC = 1A IC = 1.5A IC = 2A
Fig.10. Switching times waveforms with inductive load.
tfi (ns) 275 250 225 200 175 150 125 100 75 50 25 0 0.8 1 1.2 1.4 1.6 IC COLLECTOR CURRENT /A 1.8 2 2.2
IC/IB = 5 IC/IB =3 IC/IB = 10
Fig.11. Inductive switching. tfi = f(hFE)
September 1999 4
Fig.12. Inductive switching. tfi = f(IC)
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100AT
tsi (us) 1.25
tsi (us) 1.25
1
IC = 2A
1
IC = 1.5A
0.75
0.75
IC/IB = 3
IC/IB = 5
0.5
IC = 1A
0.5
0.25
0.25
IC/IB = 10
0 2 4 6 HFE GAIN (IC/IB) 8 10 11
0 0.8
1
1.2
1.4 1.6 IC COLLECTOR CURRENT /A
1.8
2
2.2
Fig.13. Inductive switching. tsi = f(hFE)
Fig.14. Inductive switching. tsi = f(IC)
RESISTIVE SWITCHING
VCC
90 % ICon 90 %
IC
RL VIM 0 tp T
ts
10 % ton tf IBon 10 % tr 30ns -IBoff
RB T.U.T.
IB
toff
Fig.15. Test circuit resistive load. VIM = -6 to +8 V VCC = 250 V; tp = 20 s; = tp / T = 0.01. RB and RL calculated from ICon and IBon requirements.
ton (us)
2
Fig.16. Switching times waveforms with resistive load.
ts (us)
3
IC/IB = 10
2.5
1.5
2
IC/IB = 5
1
IC/IB = 5
1.5
IC/IB = 3
1
0.5
IC/IB = 3
0.5
IC/IB = 10
0 0 0.5 1 1.5 2
0 0 0.5 1 1.5 2 2.5
IC COLLECTOR CURRENT (A)
IC COLLECTOR CURRENT (A)
Fig.17. Resistive switching. ton = f(IC)
September 1999 5
Fig.18. Resistive switching. ts = f(IC)
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100AT
tf (ns)
5,000
2,000
1,000
IC/IB = 5 IC/IB = 3
IC/IB = 10
100
50 0 0.5 1 1.5 IC COLLECTOR CURRENT (A) 2
Fig.19. Resistive switching. tf = f(IC)
VCC
IC/A
2.5
2.25
2
1.75
LC
VCL(RBSOAR)
1.5
1.25
IBon
PROBE POINT LB T.U.T.
1
0.75
0.5
-9V -5V -3V -1V
-VBB
0.25
0 0 100 200 300 400 500 600 700 800
VCEclamp/V
Fig.20. Test Circuit for the RBSOA test. Vcl 700V; Vcc = 150V; LB = 1H; Lc = 200H
Fig.21. Reverse bias safe operating area Tj Tjmax for -VBE = 9V, 5V,3V & 1V
September 1999
6
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100AT
MOUNTING INSTRUCTIONS
Dimensions in mm.
3.8 min
1.5 min
2.3 1.5 min (3x)
6.3
1.5 min
4.6
Fig.22. soldering pattern for surface mounting SOT223.
PRINTED CIRCUIT BOARD
Dimensions in mm.
36
18
60 9 4.6 4.5
10
7 15 50
Fig.23. PCB for thermal resistance and power rating for SOT223. PCB: FR4 epoxy glass (1.6 mm thick), copper laminate (35 m thick).
September 1999
7
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100AT
MECHANICAL DATA
Plastic surface mounted package; collector pad for good heat transfer; 4 leads SOT223
D
B
E
A
X
c y HE b1 vMA
4
Q A A1
1
e1 e
2
bp
3
wM B detail X
Lp
0
2 scale
4 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.8 1.5 A1 0.10 0.01 bp 0.80 0.60 b1 3.1 2.9 c 0.32 0.22 D 6.7 6.3 E 3.7 3.3 e 4.6 e1 2.3 HE 7.3 6.7 Lp 1.1 0.7 Q 0.95 0.85 v 0.2 w 0.1 y 0.1
OUTLINE VERSION SOT223
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 96-11-11 97-02-28
Fig.24. SOT223 surface mounting package.
Notes 1. This product is supplied in anti-static packaging. The gate-source input must be protected against static discharge during transport or handling. 2. Refer to Discrete Semiconductor Packages, Data Handbook SC18. 3. Epoxy meets UL94 V0 at 1/8".
September 1999
8
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100AT
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1999 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1999
9
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BUJ100AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X